Part Number Hot Search : 
KE200 C106BG SAM3U 10S47 ZS210 20000 AD2026 PWR1106C
Product Description
Full Text Search
 

To Download 1N4001-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds28002 rev. 7 - 2 1 of 3 1n4001/l-1n4007/l www.diodes.com  diodes incorporated features 1n4001/l - 1n4007/l 1.0a rectifier ?l? suffix designates a-405 package no suffix designates do-41 package a a b c d dim do-41 plastic a-405 min max min max a 25.40  25.40  b 4.06 5.21 4.10 5.20 c 0.71 0.864 0.53 0.64 d 2.00 2.72 2.00 2.70 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  diffused junction  high current capability and low forward voltage drop  surge overload rating to 30a peak  low reverse leakage current  lead free finish, rohs compliant (note 4) mechanical data  case: do-41, a-405  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: finish - bright tin. plated leads solderable per mil-std-202, method 208  polarity: cathode band  mounting position: any  ordering information: see last page  marking: type number  weight: do-41 0.30 grams (approximate) a-405 0.20 grams (approximate) single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol 1n 4001/l 1n 4002/l 1n 4003/l 1n 4004/l 1n 4005/l 1n 4006/l 1n 4007/l unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current (note 1) @ t a = 75  c i o 1.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 a forward voltage @ i f = 1.0a v fm 1.0 v peak reverse current @ t a = 25  c at rated dc blocking voltage @ t a = 100  c i rm 5.0 50  a typical junction capacitance (note 2) c j 15 8 pf typical thermal resistance junction to ambient r  ja 100 k/w maximum dc blocking voltage temperature t a +150  c operating and storage temperature range (note 3) t j, t stg -65 to +150  c notes: 1. leads maintained at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1. mhz and applied reverse voltage of 4.0v dc. 3. jedec value. 4. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex notes 5 and 7.
ds28002 rev. 7 - 2 2 of 3 1n4001/l-1n4007/l www.diodes.com 40 60 80 100 120 140 160 180 0 0.2 0.4 0.6 0.8 1.0 i , average forward rectified current (a ) (av) t , ambient temperature (oc) fi g . 1 forward current deratin g curve a c , capacitance (pf) j v , reverse voltage (v) fi g .4t y pical junction capacitance r 1.0 10 100 1.0 10 100 t = 25oc j f = 1mhz 1n4001 - 1n4004 1n4005 - 1n4007 1.0 10 100 i , peak forward surge current (a) fsm number of cycles at 60 hz fi g . 3 max non-repetitive peak fwd sur g e current 8.3ms single half sine-wave jedec method 40 30 20 0 10 5 0 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1.0 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fi g .2t y pical forward characteristics f 10
ds28002 rev. 7 - 2 3 of 3 1n4001/l-1n4007/l www.diodes.com ordering information device packaging shipping 1N4001-A do-41 plastic 5k/ammo pack 1n4001-b do-41 plastic 1k/bulk 1n4001-t do-41 plastic 5k/tape & reel, 13-inch 1n4002-a do-41 plastic 5k/ammo pack 1n4002-b do-41 plastic 1k/bulk 1n4002-t do-41 plastic 5k/tape & reel, 13-inch 1n4003-a do-41 plastic 5k/ammo pack 1n4003-b do-41 plastic 1k/bulk 1n4003-t do-41 plastic 5k/tape & reel, 13-inch 1n4004-a do-41 plastic 5k/ammo pack 1n4004-b do-41 plastic 1k/bulk 1n4004-t do-41 plastic 5k/tape & reel, 13-inch 1n4005-a do-41 plastic 5k/ammo pack 1n4005-b do-41 plastic 1k/bulk 1n4005-t do-41 plastic 5k/tape & reel, 13-inch 1n4006-a do-41 plastic 5k/ammo pack 1n4006-b do-41 plastic 1k/bulk 1n4006-t do-41 plastic 5k/tape & reel, 13-inch 1n4007-a do-41 plastic 5k/ammo pack 1n4007-b do-41 plastic 1k/bulk 1n4007-t do-41 plastic 5k/tape & reel, 13-inch 1n4001l-t a-405 5k/tape & reel, 13-inch 1n4002l-t a-405 5k/tape & reel, 13-inch 1n4003l-t a-405 5k/tape & reel, 13-inch 1n4004l-t a-405 5k/tape & reel, 13-inch 1n4005l-t a-405 5k/tape & reel, 13-inch 1n4006l-t a-405 5k/tape & reel, 13-inch 1n4007l-t a-405 5k/tape & reel, 13-inch notes: 5. for packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf (note 5) important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of 1N4001-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X